Part Number Hot Search : 
BZX55C62 TNY267G 74HC405 BAT720 EPZ3018 BUH417D 26000 NCP630
Product Description
Full Text Search
 

To Download HUN2211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
HUN2211 / HUN2212 / HUN2213 / HUN2214 / HUN2215 HUN2216 / HUN2230 / HUN2231 / HUN2232 / HUN2233 HUN2234 / HUN2235 / HUN2236 / HUN2237 / HUN2238 HUN2240 / HUN2241
NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
Spec. No. : HN200302 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 1/6
Description
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SOT-23 package which is designed for low power surface Mount applications.
Symbol:
Pin 1 Base (Input)
SOT-23
R1 R2
Pin 3 Collector (Output) Pin 2 Emitter (Ground)
* Simplifies Circuit Design * Reduces Board Space * Reduces Component Count * Moisture Sensitivity Level: 1 * ESD Rating: Human Body Model: Class1, Machine Model: Class B * The SOT-23 package can be soldered using wave or reflow. (The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die.) * Available in 8mm embossed tape and reel. Use the device number to order the 7 inch / 3,000 unit reel.
Maximum Ratings (TA=25oC unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Curretn Total Power Dissipation @ TA=25C Derate above 25C (Note1) Symbol VCBO VCEO IC PD Value 50 50 100 200 1.6 Unit Vdc Vdc mAdc mW mW/C
Note1: Device mounted on a FR-4 glass epoxy printed circuit board using the minimum recommended footprint.
Thermal Characteristics
Rating Thermal Resistance-Junction-to-Ambient Operating and Storage Temperature Range Maximum Temperature for Soldering Purposes Time in Solder Bath Symbol RJA TJ, Tstg TL Value 625 -65 to +150 260 10 Unit C/W C C Sec
HUN22XX Series
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Device Marking and Resistor Values
Device HUN2211 HUN2212 HUN2213 HUN2214 HUN2215 HUN2216 HUN2230 HUN2231 HUN2232 HUN2233 HUN2234 HUN2235 HUN2236 HUN2237 HUN2238 HUN2240 HUN2241 Package SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Marking A8A A8B A8C A8D A8E A8F A8G A8H A8J A8K A8L A8M A8N A8P A8R A8T A8U R1(K) 10 22 47 10 10 4.7 1 2.2 4.7 4.7 22 2.2 100 47 2.2 47 100 R2(K) 10 22 47 47 1 2.2 4.7 47 47 47 100 22
Spec. No. : HN200302 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 2/6
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
Electrical Characteristics (TA=25C unless otherwise noted)
Characteristic Off Characteristics Collector-Base Cutoff Current (VCB=50V, IE=0) Collector-Emitter Cutoff Current (VCE=50V, IB=0) HUN2211 HUN2212 HUN2213 HUN2214 HUN2215 HUN2216 HUN2230 HUN2231 Emitter-Base Cutoff Current HUN2232 (VEB=6V, IC=0) HUN2233 HUN2234 HUN2235 HUN2236 HUN2237 HUN2238 HUN2240 HUN2241 Collector-Base Breakdown Voltage (IC=10uA, IE=0) Collector-Emitter Breakdown Voltage (IC=2mA, IB=0)
HUN22XX Series
Symbol ICBO ICEO
Min. 50 50
Typ. -
Max. 100 500 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 0.2 0.05 0.13 4 0.2 0.1 -
Unit nAdc nAdc
IEBO
mAdc
V(BR)CBO *V(BR)CEO
Vdc Vdc
*Pulse Test: Pulse Width 300us, Duty Cycle2% HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Electrical Characteristics (TA=25C unless otherwise noted)
Characteristic *On Characteristics HUN2211 HUN2212 HUN2213 HUN2214 HUN2215 HUN2216 HUN2230 HUN2231 HUN2232 HUN2233 HUN2234 HUN2235 HUN2236 HUN2237 HUN2238 HUN2240 HUN2241 35 60 80 80 160 160 3 8 15 80 80 80 80 80 160 160 160 Symbol Min.
Spec. No. : HN200302 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 3/6
Typ. 60 100 140 140 350 350 5 15 30 200 150 140 150 140 350 350 350
Max. -
Unit
DC Current Gain (VCE=10V, IC=5mA)
hFE
Collector-Emitter Saturation Voltage (IC=10mA, IB=0.3mA) (IC=10mA, IB=5mA) HUN2230/HUN2231 (IC=10mA, IB=1mA) HUN2215/HUN2216/HUN2232/HUN2233 HUN2234/HUN2235/HUN2238 *On Characteristics HUN2211 HUN2212 HUN2214 HUN2215 HUN2216 HUN2230 HUN2231 HUN2232 HUN2233 HUN2234 HUN2235 HUN2238 HUN2213 HUN2240 HUN2236 HUN2237 HUN2241
VCE(sat)
-
-
0.25
Vdc
Output Voltage (on) (VCC=5V, VB=2.5V, RL=1k)
VOL
(VCC=5V, VB=3.5V, RL=1k) (VCC=5V, VB=5.5V, RL=1k) (VCC=5V, VB=4.0V, RL=1k) (VCC=5V, VB=5V, RL=1k)
-
-
0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2
Vdc
*Pulse Test: Pulse Width 300us, Duty Cycle2%
HUN22XX Series
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Electrical Characteristics (TA=25C unless otherwise noted)
Characteristic *On Characteristics Output Voltage (off) (VCC=5V, VB=0.5V, RL=1k) HUN2215 HUN2216 HUN2233 (VCC=5V, VB=0.25V, RL=1k) HUN2238 HUN2240 HUN2230 (VCC=5V, VB=0.05V, RL=1k) HUN2211 HUN2212 HUN2213 HUN2214 HUN2215 HUN2216 HUN2230 HUN2231 Input Resistor HUN2232 HUN2233 HUN2234 HUN2235 HUN2236 HUN2237 HUN2238 HUN2240 HUN2241 Resistor Ratio HUN2211/HUN2212/HUN2213 /HUN2236 HUN2214 HUN2215/HUN2216/HUN2238/HUN2240 HUN2241 HUN2230/HUN2231/HUN2232 HUN2233 HUN2234 HUN2235 HUN2237 Symbol Min.
Spec. No. : HN200302 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 4/6
Typ.
Max.
Unit
VOH
4.9
-
-
Vdc
R1
R1/R2
7 15.4 32.9 7 7 3.3 0.7 1.5 3.3 3.3 15.4 1.54 32.9 70 1.54 32.9 70 0.8 0.17 0.8 0.055 0.38 0.038 1.7
10 22 47 10 10 4.7 1 2.2 4.7 4.7 22 2.2 47 100 2.2 47 100 1 0.21 1 0.1 0.47 0.047 2.1
13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 2.86 61.1 130 2.88 61.1 130 1.2 0.25 1.2 0.185 0.56 0.056 2.6
k
*Pulse Test: Pulse Width 300us, Duty Cycle2%
HUN22XX Series
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
SOT-23 Dimension
Marking:
A L
Series Code
(See Page 2)
Spec. No. : HN200302 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 5/6
A8
3
Pb Free Mark
BS
1 2
Pb-Free: " " (Note) Normal: None
V
G
Note: Pb-free product can distinguish by the green label or the extra description on the right side of the label. Pin Style: 1.Base 2.Emitter 3.Collector Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DIM A B C D G H J K L S V
Min. 2.80 1.20 0.89 0.30 1.70 0.013 0.085 0.32 0.85 2.10 0.25
Max. 3.04 1.60 1.30 0.50 2.30 0.10 0.177 0.67 1.15 2.75 0.65
*: Typical, Unit: mm
C D H
3-Lead SOT-23 Plastic Surface Mounted Package HSMC Package Code: N
K
J
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HUN22XX Series
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Soldering Methods for HSMC's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL
Spec. No. : HN200302 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 6/6
Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25 t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o o
Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245 C 5 C
o o
Dipping time 5sec 1sec 5sec 1sec
260 C +0/-5 C
o
o
HUN22XX Series
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HUN2211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X